Part Number Hot Search : 
PP4JGXX AN220E04 C74LVX TLMW3102 01501 34063 FXT453 CV2030
Product Description
Full Text Search
 

To Download DSEC60-06A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2000 ixys all rights reserved 1 - 3 features  international standard package  planar passivated chips  very short recovery time  extremely low switching losses  low i rm -values  soft recovery behaviour  epoxy meets ul 94v-0 applications  antiparallel diode for high frequency switching devices  antisaturation diode  snubber diode  free wheeling diode in converters and motor control circuits  rectifiers in switch mode power supplies (smps)  inductive heating  uninterruptible power supplies (ups)  ultrasonic cleaners and welders advantages  avalanche voltage rated for reliable operation  soft reverse recovery for low emi/rfi  low i rm reduces: - power dissipation within the diode - turn-on loss in the commutating switch dimensions see outlines.pdf hiperfred tm epitaxial diode with common cathode and soft recovery a = anode, c = cathode, tab = cathode to-247 ad c a a a c a c (tab) pulse test:  pulse width = 5 ms, duty cycle < 2.0 %  pulse width = 300  s, duty cycle < 2.0 % data according to iec 60747 and per diode unless otherwise specified ixys reserves the right to change limits, test conditions and dimensions. i fav = 2x 30 a v rrm = 600 v t rr = 30/35 ns dsec 60-06a dsec 60-06b v rsm v rrm type v v 600 600 dsec 60-06a 600 600 dsec 60-06b symbol conditions maximum ratings i frms 70 a i favm rect., d = 0.5; t c (vers. a) = 135c 30 a t c (vers. b) = 125c i fsm t vj = 45c; t p = 10 ms (50 hz), sine 250 a e as t vj = 25c; non-repetitive 0.2 mj i as = 1.3 a; l = 180 h i ar v a = 1.5 v r typ.; f = 10 khz; repetitive 0.1 a t vj -55...+175 c t vjm 175 c t stg -55...+150 c p tot t c = 25c 165 w m d mounting torque 0.8...1.2 nm weight typical 6 g symbol conditions characteristic max. values vers. a vers. b i r  t vj = 25c v r = v rrm 250 250  a t vj = 150c v r = v rrm 12ma v f  i f = 30 a; t vj = 150c 1.25 1.56 v t vj = 25c 1.60 2.51 v r thjc 0.9 0.9 k/w r thch 0.25 0.25 k/w t rr i f = 1 a; -di/dt = 200 a/  s; typ. 35 typ. 30 ns v r = 30 v; t vj = 25c i rm v r = 100 v; i f = 50 a; -di f /dt = 100 a/  s typ. 6 typ. 4 a t vj = 100c both versions 008
? 2000 ixys all rights reserved 2 - 3 dsec 60-06a note: fig. 2 to fig. 6 shows typical values 200 600 10000 400 800 70 80 90 100 110 120 130 0.00001 0.0001 0.001 0.01 0.1 1 0.001 0.01 0.1 1 0 40 8 0 120 160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 5 10 15 20 0.0 0.3 0.6 0.9 1.2 v fr di f /dt v 200 600 10000 400 800 0 10 20 30 40 50 100 1000 0 500 1000 1500 2000 2500 3000 0.0 0 .5 1.0 1.5 2.0 0 10 20 30 40 50 60 70 i rm q r i f a v f -di f /dt -di f /dt a/ m s a v nc a/ m s a/ m s t rr ns t fr z thjc a/ m s s dsep30-06a DSEC60-06A i f = 60a i f = 30a i f = 15a t vj = 100 c v r = 300v t vj = 100 c i f = 30a fig. 3 peak reverse current i rm versus -di f /dt fig. 2 reverse recovery charge q r versus -di f /dt fig. 1 forward current i f versus v f t vj = 100 c v r = 300v t vj = 100 c v r = 300v i f = 60a i f = 30a i f = 15a q r i rm fig. 4 dynamic parameters q r , i rm versus t vj fig. 5 recovery time t rr versus -di f /dt fig. 6 peak forward voltage v fr and t fr versus di f /dt i f = 60a i f = 30a i f = 15a t fr v fr fig. 7 transient thermal resistance junction to case constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.465 0.0052 2 0.179 0.0003 3 0.256 0.0396 t vj =25 c t vj =100 c t vj =150 c 008
? 2000 ixys all rights reserved 3 - 3 dsec 60-06b 200 600 10000 400 800 60 70 80 90 0.00001 0.0001 0.001 0.01 0.1 1 0.001 0.01 0.1 1 0 40 80 120 160 0.0 0.5 1.0 1.5 2.0 k f t vj c -di f /dt t s k/w 0 200 400 600 800 1000 0 5 10 15 20 0.00 0.25 0.50 0.75 1.00 v fr di f /dt v 200 600 10000 400 800 0 5 10 15 20 25 30 100 1000 0 200 400 600 800 1000 0123 0 10 20 30 40 50 60 i rm q r i f a v f -di f /dt -di f /dt a/ m s a v nc a/ m s a/ m s t rr ns t fr z thjc a/ m s s dsec 60-06b i f = 60a i f = 30a i f = 15a t vj = 100 c v r = 300v t vj = 100 c i f = 30a fig. 3 peak reverse current i rm versus -di f /dt fig. 2 reverse recovery charge q r versus -di f /dt fig. 1 forward current i f versus v f t vj = 100 c v r = 300v t vj = 100 c v r = 300v i f = 60a i f = 30a i f = 15a q r i rm fig. 4 dynamic parameters q r , i rm versus t vj fig. 5 recovery time t rr versus -di f /dt fig. 6 peak forward voltage v fr and t fr versus di f /dt i f = 60a i f = 30a i f = 15a t fr v fr fig. 7 transient thermal resistance junction to case constants for z thjc calculation: ir thi (k/w) t i (s) 1 0.465 0.0052 2 0.179 0.0003 3 0.256 0.0396 008 t vj =25 c t vj =100 c t vj =150 c note: fig. 2 to fig. 6 shows typical values


▲Up To Search▲   

 
Price & Availability of DSEC60-06A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X